PART |
Description |
Maker |
CD4025BMS CD4002BMS CD4001BMS CD4000 CD4000BMS FN3 |
4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 From old datasheet system CMOS NOR Gate Nor Gate, 3-Input, Triple, Rad-Hard, CMOS, Logic NOR Gate, 2-Input, Quad, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
SMBJ188A-TR SMBJ188CA-TR SMBJ18A-TR SMBJ18CA-TR SM |
From old datasheet system TRANSIL TM High Speed CMOS Logic Dual 4-Input Multiplexers 16-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates 14-CDIP -55 to 125 High Speed CMOS Logic 8-Input NAND Gate 14-CDIP -55 to 125 TRANSIL Diode(TRANSIL二极 TRANSIL二极管(TRANSIL二极管) TRANSILTM TRANSILTM
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HD74LS32 HD74LS32P 74LS32 |
From old datasheet system LOGIC GATE,QUAD 2-INPUT OR,LS-TTL,DIP,14PIN,PLASTIC Quadruple 2-input Positive OR Gates LS SERIES, QUAD 2-INPUT OR GATE, PDIP14
|
http:// HITACHI[Hitachi Semiconductor] Hitachi America
|
BSP75A |
Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BU4001B BU4001BF A5800601 BU4001B/BF |
Quad 2-input NOR gate From old datasheet system Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM[Rohm]
|
MC74VHCT32AD MC74VHCT32ADT ON1750 MC74VHCT32AM MC7 |
Quad 2-Input OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
M74VHC1GT04DFT1G |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5
|
ON Semiconductor
|
74ABT20D-T 74ABT20DB118 |
Dual 4-input NAND gate - Description: Dual 4-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.7 ns; Voltage: 4.5-5.5 V ABT SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
Ecliptek, Corp. NXP SEMICONDUCTORS
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
6N138 E001819 6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER/ LOW INPUT CURRENT LINE RECEIVER/ COMS LOGIC INTERFACE) IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE) CURRENT LOOP DRIVER LOW INPUT CURRENT LINE RECEIVER CMOS LOGIC INTERFACE From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
74AUP1G98FHX 74AUP1G98 |
Two-Input, Low Power, Universal Configurable Logic Gate TinyLogic? Low Power Universal Configurable Two-Input Logic Gate
|
Fairchild Semiconductor
|